PART |
Description |
Maker |
SFA050XS1-OR |
The Driving Board provides all the Needs to convert Composite video signal to the proper interface of LCD Panel
|
BEYONDINFINITE
|
USB2-H-9002-M |
USB2-H-9002-M Hi-Speed USB to 2-Port RS232/RS485 Adapter
|
List of Unclassifed Manufacturers
|
LC74793 |
IC Sockets Adapter; Convert From:20-Pin SOIC; Convert To:20-Pin DIP; Leaded Process Compatible:No; No. of Contacts:20; Peak Reflow Compatible (260 C):No; No. of Positions:20 RoHS Compliant: No 车辆定位系统/ PDC的切片机集成电路
|
Sanyo Electric Co., Ltd.
|
6260 |
RF Coaxial Connector Adapter; Convert From:N Female; Convert To:DIN Female; Approval Bodies:CE; Body Material:Brass; Contact Plating:Silver; Impedance:50ohm; Series:7/16 DIN and N RoHS Compliant: Yes FEMALE-FEMALE, RF STRAIGHT ADAPTER
|
Pomona Electronics
|
VNC1L |
FTDI USB Slave Device and USB Flash Disk Interface
|
Vinculum
|
DS9490R DS9490B DS9490R11 |
USB to 1-Wire/iButton Adapters High-Speed 12Mbps Universal Serial Bus (USB) Interface
|
Maxim Integrated Products
|
TMCM-1181-CABLE |
1-axis Stepper Controller / Driver up to 6.5 RMS / 24V DC USB, RS485
|
TRINAMIC Motion Control...
|
SST39VF160-90-4C-SJ SST39VF800-70-4C-SJ SST39VF800 |
PSoC Mixed Signal Array EZ-USB SX2 High-Speed USB Interface Device MoBL-USB TX2 USB 2.0 UTMI Transceiver 2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer PSoC® Mixed-Signal Array x16 Flash EEPROM x16闪存EEPROM
|
Silicon Storage Technology, Inc.
|
ADC08068BIJ ADC08064CMJ ADC08068CMJ ADC08064BIJ AD |
Quad Low Power RS485 Driver; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C Low Power RS485 Interface Transceiver; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Differential Driver and Receiver Pair; Package: SO; No of Pins: 14; Temperature Range: 0°C to 70°C Single-Ended Data Acquisition System 单端数据采集系统
|
NEC, Corp.
|
AT76C505 |
AT76C505 single-chip MAC and Baseband with low power ARM7TDMI?RISC processor, Full-speed (12 Mbps) USB Interface, On-chip Boot-ROM, integrated 6K x 32-bit Internal SRAM, 128- CABGA Package, 3.3V operation, Integrated 802.11b baseband proc 802.11b Media Access Controller (MAC) and Baseband with USB Interface
|
ATMEL[ATMEL Corporation]
|
W6694 W6694CD |
PASSIVE USB-ISDN S/T-CONTROLLER S/T Controller with USB interface
|
Winbond Electronics
|